|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AMERICAN BRIGHT OPTOELECTRONICS CORP. * AlInGap DOMILED BL-PDx-xRS Series Feature: 1. High brightness surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 2.8 x 3.2 x 1.8 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering. * Package Dimension: Recommended Solder Pad V.2 Page: 1 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGap DOMILED BL-PDx-xRS Series * Optical Characteristics: Part Number Chip Technology / Color AlInGaP Hyper-red, 640nm Viewing Angle 120 Luminous Intensity @ IF=20mA Iv (mcd) 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 AlInGaP Red, 625nm 120 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 TS AlInGaP Red, 625nm 120 285.0 - 715.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 BL-PDH-CRS-C10 * BIN P1 * BIN P2 * BIN Q1 * BIN Q2 BL-PDS-CRS-C10 * BIN Q1 * BIN Q2 * BIN R1 * BIN R2 BL-PDS-SRS-C10 * BIN Q1 * BIN Q2 * BIN R1 * BIN R2 BL-PDR-CRS-C10 * BIN R1 * BIN R2 * BIN S1 * BIN S2 BL-PDR-SRS-C10 * BIN R1 * BIN R2 * BIN S1 * BIN S2 BL-PDR-TRS-C10 * BIN T1 * BIN T2 * BIN U1 * BIN U2 BL-PDA-CRS-C10 * BIN R1 * BIN R2 * BIN S1 * BIN S2 BL-PDA-SRS-C10 * BIN S1 * BIN S2 * BIN T1 * BIN T2 AlInGaP Super-red, 632nm 120 AlInGaP Amber, 615nm 120 V.2 Page: 2 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGap DOMILED BL-PDx-xRS Series Part Ordering Number BL-PDO-CRS-C10 * BIN R1 * BIN R2 * BIN S1 * BIN S2 BL-PDO-SRS-C10 * BIN S1 * BIN S2 * BIN T1 * BIN T2 BL-PDY-CRS-C10 * BIN R1 * BIN R2 * BIN S1 * BIN S2 BL-PDY-SRS-C10 * BIN S1 * BIN S2 * BIN T1 * BIN T2 BL-PDY-TRS-C10 * BIN T1 * BIN T2 * BIN U1 * BIN U2 BL-PDG-CRS-C10 * BIN P1 * BIN P2 * BIN Q1 * BIN Q2 BL-PDG-SRS-C10 * BIN Q1 * BIN Q2 * BIN R1 * BIN R2 NOTE: Chip Technology / Color AlInGaP Orange, 605nm Viewing Angle 120 Luminous Intensity @ IF=20mA Iv (mcd) 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 AlInGaP Yellow, 587nm 120 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 TS AlInGaP Yellow, 590nm 120 285.0 - 715.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 560.0 - 715.0 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 AlInGaP Green, 572nm 120 1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table. V.2 Page: 3 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGap DOMILED BL-PDx-xRS Series * Absolute Maximum Ratings: Maximum Value 30 1000 5 125 -40 ... +100 -40 ... +100 75 Unit mA mA V C C C mW Parameter DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) * Vf Binning: Vf Bin @ 20mA Standard 01 02 03 04 Forward Voltage (V) 1.55 ... 2.45 (max) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.75 Forward voltage, Vf is measured with an accuracy of 0.1 V. V.2 Page: 4 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. * AlInGap DOMILED BL-PDx-xRS Series Wavelength Grouping: Color BL-PDH; Hyper-red BL-PDS; Super-red BL-PDR-CJ, -SJ; Red (AS) BL-PDR-TJ; Red (TS) BL-PDA; Amber Group Full Full Full Full Full W X Wavelength distribution (nm) 636 - 646 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 BL-PDO; Orange Full W X Y Z BL-PDY; Yellow Full W X Y Z BL-PDG; Green Full W X Y Z V.2 Page: 5 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. * AlInGap DOMILED BL-PDx-xRS Series Typical electro-optical characteristics curves: Fig. 2 Forward current vs. forward voltage. Forward Current (mA) vs. Forward Voltage 35 Fig. 1 Relative luminous intensity vs. forward current. Intensity vs. DC Forward Current Relative intensity. Normalized at 20 mA. 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 FORWARD CURRENT (mA) 30 Forward Current (mA) 25 AS AlInGaP 20 15 TS AlInGaP 10 5 0 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 Forward Voltage (V) Fig. 3 Radiation pattern. 30 20 10 0 1.0 Fig. 4 Maximum forward current vs. temperature. 35 30 40 0.8 25 Forward Current, If 50 0.6 20 15 60 70 80 90 0.4 10 0.2 5 0 0 10 20 30 40 50 Ambient Temperature 60 70 80 90 100 0 Fig. 5 Relative Intensity vs. Wavelength Relative Spectra Emission 1.0 0.9 Orange 0.8 Amber 0.7 Relative Intensity Red 0.6 Green Super Red 0.5 Hyper Red 0.4 0.3 0.2 0.1 0.0 500 550 600 650 700 750 800 Wavelength (nm) V.2 Page: 6 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGap DOMILED BL-PDx-xRS Series Fig. 6 Recommended IR-reflow Soldering Profile. Classification Reflow Profile (JEDEC J-STD-020B) 275 250 225 Ramp-up 3 oC/sec 60-150s 235-240oC 10-30s o Temperature ( C) 200 175 150 125 100 75 50 o 183 C Ramp-down 6 oC/sec Preheat 60-120s 360s max 25 0 50 100 150 200 Time (sec) Fig. 7 Recommended TTW Soldering Profile . V.2 Page: 7 of 8 AMERICAN BRIGHT OPTOELECTRONICS CORP. AlInGap DOMILED BL-PDx-xRS Series * Taping And Orientation. Reels come in quantity of 8000 units or 2000 units. Reel diameters are 330 mm and 180 mm respectively. V.2 Page: 8 of 8 |
Price & Availability of BL-PDA-CRS-C10 |